Part Number Hot Search : 
25CMB MC34230 AHC1G MC350 RF3933SR 200PC MSMLG12A 74LS32P
Product Description
Full Text Search
 

To Download 171DM5LP31000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 171D
DC Axial Fans
Series
62x62x15 mm
[ 2.44 x 0.59" ]
171D series are not available anymore.
Please consult factory: Tel.: +33 (0)2 54 23 14 54 Sales department: info@etrinet.com
Approvals
R
Life expectancy
L-10 LIFE AT 40C: 50 000 hours
Brushless DC Motor
Electrical protection: integrated circuit Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 42 g
2,0
STATIC PRESSURE: mm H2O
0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,0 0 1 2 3 4
171DM
1,8 1,6 1,4 1,2 1,0 0,8 0,6 0,4 0,2 0,0 0 2 4
171DH
6
8
AIRFLOW: I/s
Nominal Airflow Noise voltage level V l/s dB(A) 5 3,4 28 12 5,9 30 24 5,9 30 Nominal speed RPM 2300 3800 3800 Input power W 0,8 2,4 2,4
Part number 171DM5LP31000 171DH1LP31000 171DH2LP31000
Voltage range V (4,5-5,5) (10,2-13,8) (20,4-27,6)
Bearing system Connection type Operating temperature Ball Sleeve X X X Leads Terminals X X X Min. C -5 - 10 - 10 Max. C 60 60 60
Accessories:
- Plastic finger guard P/N : PFG-60 - Plastic filter P/N : F60/T102 - Metal finger guard P/N : 60-43 - Metal mesh filter P/N : 60-G - Rubber mounts P/N : AM-10
ETRI
Http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/01-Rev.1


▲Up To Search▲   

 
Price & Availability of 171DM5LP31000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X